Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download AMC-180SMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
V 3.00
AM-/AMC-180
Features
n +14 dBm Typical 1 dB Compression n 5 dB Typical Noise Figure n 1.4:1 Typical VSWR
TO-8-1
Description
M/A-COM's AM-180 is a feedback amplifier with high intercept and compression points. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise should be minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-180 is ideally suited for use where a high intercept, high reliability amplifier is required.
C-32
Absolute Maximum Ratings 1
Parameter Max Input Power Vbias Operating Temperature Storage Temperature Absolute Maximum +10 dBm +15.75 V -55C to +85C -65C to +125C
1. Operation of this device above any one of these parameters may cause permanent damage.
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-/AMC-180
V 3.00
Electrical Specifications 2,3 TA = -55C to +85C Case Temperature
Parameter Gain Frequency Response Gain Variation with Temperature 1 dB Compression Noise Figure Reverse Transmission VSWR Output IP2 Output IP3 Vbias Ibias Power Dissipation Test Conditions @ +25C -- -- Output Power -- -- -- Two-tone inputs up to 0 dBm Two-tone inputs up to 0 dBm -- Vbias = +15.0 VDC @ +15V Bias Frequency 1000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz 10-2000 MHz -- -- -- Units dB dB dB dBm dB dB Ratio dBm dBm V mA mW Min. 8.7 -- -- +13 -- -- -- +39 +25 +14.5 -- -- Typ. 9.7 -- -- -- -- -14 -- -- -- +15.0 45 680 Max. 10.7 1.0 1.0 -- 7.0 -12 2:1 -- -- +15.5 50 --
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance. 3. Heat Sinking: Operation at case temperature above 95C is not recommended. Heat sinking adequate to dissipate 800 mW must be provided in use.
S-Parameter Data
Frequency (MHz) MAG 10 20 40 100 200 500 1000 1500 2000 0.20 0.21 0.22 0.23 0.18 0.13 0.07 0.18 0.24 S11 ANG -156.1 -169.7 -174.2 174.3 170.9 149.3 -140.6 -133.3 -168.2 MAG 2.97 2.98 3.01 3.02 3.01 3.05 3.12 3.05 3.01 S21 ANG -173.1 -177.4 179.0 171.6 162.0 134.3 86.4 32.4 -23.7 MAG 0.17 0.17 0.18 0.18 0.18 0.19 0.20 0.18 0.17 S12 ANG 8.6 4.4 1.7 -1.4 -4.5 -14.1 -35.9 -59.6 -76.2 MAG 0.24 0.23 0.22 0.21 0.20 0.18 0.17 0.20 0.26 S22 ANG 166.9 170.3 171.1 166.1 154.5 113.3 5.5 -93.3 -147.3
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz Typical Performance Curves
Gain vs. Frequency
85C 10 25C -55C
AM-/AMC-180
V 3.00
VSWR vs. Frequency
RF IN 2.0 RF OUT
1.8
9
Gain (dB)
VSWR
8 7
5 10 50 100 300 500 750 1000 1250 1500 1750 2000 2250
1.6
1.4
1.2
1.0
5 10 50 100 300 500 750 1000 1250 1500 1750 2000 2250
Frequency (MHz)
Frequency (MHz)
Noise Figure
+85C 7.0 +25C
1 dB Compression
17
Output Power (dBm)
Noise Figure (dB)
6.0
16
15
5.0
14
10 50 30 0 10 0 50 0
5 10 50 100 300 500 750 1000 1250 1500 1750 2000
Frequency (MHz)
Frequency (MHz)
Intermodulation Intercept
IP2 (f1+f2) 50 IP3 IP2 (f1-f2))
Ordering Information
Part Number AM-180 PIN AMC-180 SMA Package TO-8-1 C-32
Intercept (dBm)
40
30
20 5 10 50 100 300 500 750 1000 1250 1500 1750 2000
Frequency (MHz)
75 0 10 00 12 50 15 00 17 50 20 00 22 50
4.0
5
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3


▲Up To Search▲   

 
Price & Availability of AMC-180SMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X